|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Product Information Product Information SAMSUNG TFT-LCD SAMSUNG TFT-LCD MODEL NO. :: LTN121XJ-L06 MODEL NO. LTN121XJ-L06 www..com LCD Product Planning Group 1, Marketing Team Samsung Electronics Co . , LTD. Doc.No. LTN121XJ-L06 ISSUED DATE 03/Mar/2006 Page 1 / 13 Product Information CONTENTS General Description -------------------( 4 ) 1. Electrical Absolute Ratings -------------------( 4 ) 2. Optical Characteristics -------------------( 5 ) 3. Electrical Characteristics 3.1 TFT LCD Module 3.2 Backlight Unit -------------------( 6 ) 4. Block Diagram 4.1 TFT LCD Module 4.2 Backlight Unit -------------------( 7 ) 5. Input Terminal Pin Assignment -------------------( 8 ) 5.1 Input Signal & Power 5.2 Backlight Unit 5.3 Timing Diagrams of LVDS For Transmitting www..com 6. Interface Timing 6.1 Timing Parameters 6.2 Timing Diagrams of interface Signal 6.3 Power ON/OFF Sequence - - - - - - - - - - - - - - - - - - - ( 10 ) 7. Outline Dimension - - - - - - - - - - - - - - - - - - - ( 12 ) Doc.No. LTN121XJ-L06 ISSUED DATE 03/Mar/2006 Page 2 / 13 Product Information GENERAL DESCRIPTION DESCRIPTION LTN121XJ-L06 is a color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFT as a switching devices. This model is composed of a TFT LCD panel, a driver circuit and a backlight system. The resolution of a 12.1" contains 1024 x 768 pixels and can display up to 262,144 colors. 6 O'clock direction is the Optimum viewing angle. FEATURES * Ultra Thin and light weight * High contrast ratio * XGA (1024x768 pixels) resolution * Low power consumption * DE (Data enable) only mode. * 3.3V LVDS Interface * On board EDID chip * PB-Free Product (RoHS compliant) APPLICATIONS * Notebook PC * If the usage of this product is not for PC application but for others, please contact SEC GENERAL INFORMATION Item www..com Specification 245.76(H) X 184.32(V) (12.1"diagonal) a-si TFT active matrix 262,144 1024 x 768 (XGA ) RGB vertical stripe 0.240(H) x 0.240(V) Normally white Haze 25, Hard-Coating 3H Unit mm Note Display area Driver element Display colors Number of pixel Pixel arrangement Pixel pitch Display Mode Surface treatment pixel mm Doc.No. LTN121XJ-L06 ISSUED DATE 03/Mar/2006 Page 3 / 13 Product Information MECHANICAL INFORMATION Item Horizontal (H) Module size Vertical (V) Depth (D) Weight Min. 260.5 197.5 Typ. 261.0 198.0 4.7 290 Max. 261.5 198.5 5.0 300 Unit mm mm mm g (1) Note Note (1) Measurement condition of outline dimension . Equipment : Vernier Calipers . Push Force : 500g f (minimum) 1. ELECTRICAL ABSOLUTE RATINGS (1) TFT LCD MODULE VDD =3.3V, VSS = GND = 0V Item Power Supply Voltage Logic Input Voltage Note (1) Within Ta (25 2 C ) Symbol VDD VIN Min. VSS - 0.3 VSS - 0.3 Max. VDD + 0.3 VDD + 0.3 Unit V V Note (1) (1) www..com (2) BACK-LIGHT UNIT Ta = 25 2 C Item Lamp Current Lamp frequency Symbol IL FL Min. 3.0 50 Max. 7.0 80 Unit mArms kHz Note (1) (1) Note 1) Permanent damage to the device may occur if maximum values are exceeded Functional operation should be restricted to the conditions described under normal operating conditions. Doc.No. LTN121XJ-L06 ISSUED DATE 03/Mar/2006 Page 4 / 13 Product Information 2. OPTICAL CHARACTERISTICS The following items are measured under stable conditions. The optical characteristics should be measured in a dark room or equivalent state. Measuring equipment : TOPCON BM-5A and PR-650 * Ta = 25 2 C, VDD=3.3V, fv= 60Hz, fDCLK = 65MHz, IL = 6.0 mA Item Contrast Ratio (5 Points) Rising Falling Symbol Condition Min. Typ. Max Unit CR 250 300 - - Response Time at Ta TR TT - 10 30 20 msec 50 cd/m2 Average Luminance of White (5 Points) YL,AVE 170 200 - RX Red RY GX Green Color Chromaticity ( CIE ) www..com 0.565 Normal Viewing Angle =0 =0 0.310 0.285 0.505 0.125 0.110 0.283 0.299 40 40 CR 10 10 25 0.596 0.340 0.315 0.535 0.155 0.140 0.313 0.329 45 45 15 30 0.625 0.370 0.345 0.565 0.185 0.170 0.343 0.359 GY BX Blue BY WX White WY L Hor. H H L Viewing Angle Ver. Degrees 13 Points White Variation L - - 2.2 - Doc.No. LTN121XJ-L06 ISSUED DATE 03/Mar/2006 Page 5 / 13 3. ELECTRICAL CHARACTERISTICS 3.1 TFT LCD MODULE Product Information Ta= 25 2C Item Voltage of Power Supply Differential Input Voltage for LVDS Receiver Threshold Vsync Frequency Hsync Frequency Main Frequency Rush Current White Current of Power Supply Mosaic V. Stripe High Low Symbol VDD VIH VIL fv fH fDCLK IRUSH Min. 3.0 -100 - Typ. 3.3 60 48.2 65 270 300 350 Max. 3.6 +100 1.5 400 Unit V mV mV Hz KHz MHz A mA mA mA Note VCM = +1.2V IDD - 3.2 BACK-LIGHT UNIT The backlight system is an edge-lighting type with a single CCFT ( Cold Cathode Fluorescent Tube ). The characteristics of a single lamp are shown in the following table. - INVERTER : SEM SIC 130T www..com Item Ta= 25 2 C Min. 3.0 Typ. 6.0 565 50 60 3.4 10,000 1080 Max. 6.5 65 Unit mArms Vrms KHz W Hour Vrms Vrms sec 25C 0C IL=6.0mA IL=6.0mA Note Symbol IL VL fL PL Hr Lamp Current Lamp Voltage Frequency Power Consumption Operating Life Time Startup Voltage VS - 1300 Lamp startup time - - 1.0 Doc.No. LTN121XJ-L06 ISSUED DATE 03/Mar/2006 Page 6 / 13 Product Information 4. BLOCK DIAGRAM 4.1 TFT LCD Module LVDS InputConnector RSDS DF-19L-20P-1H or Compatible LVDS Input/RSDS Output Timing Controller Source Driver IC Gamma Generator VCOM Generator Gate Pulse Generator 12.1" XGA TFT-LCD Panel DC-DC Converter SOURCE PCB Video Signal Control Signal VCOM Gamma DVDD AVDD Von/Voff Gate IC 4.2 BACK-LIGHT UNIT www..com Reflector LAMP 1 HOT (Pink) 2 COLD(White) Note) The output of the inverter may change according to the material of the reflector. Doc.No. LTN121XJ-L06 ISSUED DATE 03/Mar/2006 Page 7 / 13 Product Information 5. INPUT TERMINAL PIN ASSIGNMENT 5.1. Input Signal & Power LVDS, Connector : (Hirose, DF-19L-20P-1H or Compatible) PIN NO 1 2 3 4 5 6 7 8 9 10 11 12 13 14 www..com SYMBOL VSS VDD VDD VEDID NC CLOCKEDID DATAEDID RxIN0RxIN0+ VSS RxIN1RxIN1+ VSS RxIN2RxIN3+ VSS RxCLKRxCLK+ VSS VSS Ground FUNCTION POLARITY REMARK POWER SUPPLY +3.3V POWER SUPPLY +3.3V DCC 3.3V Power No connection DDC Clock DDC Data LVDS Differential Data INPUT(R0-R5, G0) LVDS Differential Data INPUT(R0-R5, G0) Ground LVDS Differential Data INPUT(G1-G5, B0-B1) LVDS Differential Data INPUT(G1-G5, B0-B1) Ground LVDS Differential Data INPUT(B2-B5, Sync, DE) LVDS Differential Data INPUT(B2-B5, Sync, DE) Ground LVDS Differential Clock INPUT(Clock) LVDS Differential Clock INPUT(Clock) Ground Ground Negative Positive Negative Positive Negative Positive Negative Positive 15 16 17 18 19 20 Doc.No. LTN121XJ-L06 ISSUED DATE 03/Mar/2006 Page 8 / 13 Product Information 5.2 BACK LIGHT UNIT Connector : JST BHSR - 02VS -1 Mating Connector : SM02B-BHSS-1(JST) Pin NO. 1 2 Symbol HOT COLD Color Pink White Function High Voltage Low Voltage 5.3 Timing Diagrams of LVDS For Transmission LVDS Receiver : Integrated T-CON T O_TxCLK OUT 0_RxCLK IN T/7 O_RxIN2 TxIN20 TxIN19 TxIN18 TxIN17 TxIN16 TxIN15 TxIN14 DE Vsync Hsync B5 B4 B3 B2 O_RxIN1 TxIN13 B1 TxIN12 B0 TxIN11 G5 TxIN10 G4 TxIN9 G3 TxIN8 G2 TxIN7 G1 www..com O_RxIN0 TxIN6 G0 TxIN5 R5 TxIN4 TxIN3 TxIN2 R2 TxIN1 R1 TxIN0 R0 R4 R3 Doc.No. LTN121XJ-L06 ISSUED DATE 03/Mar/2006 Page 9 / 13 6. INTERFACE TIMING 6.1 Timing Parameters Signal Frame Frequency Vertical Active Display Term One Line Scanning Time Horizontal Active Display Term Item Cycle Display Period Cycle Display Period Symbol TV TVD Min. Typ. 806 Product Information Max. - Unit Lines Note - - 768 - Lines - TH - 1344 - Clocks - THD - 1024 - Clocks - 6.2 Timing diagrams of interface signal TV TVD DE www..com TH DCLK TC THD DE DATA SIGNALS Valid display data ( 1024 clocks) Doc.No. LTN121XJ-L06 ISSUED DATE 03/Mar/2006 Page 10 / 13 6.3 Power ON/OFF Sequence Product Information : To prevent a latch-up or DC operation of the LCD module, the power on/off sequence should be as the diagram below. Power Supply 0.9 VDD VDD 0.1 VDD 0V 0.9 VDD 0.1 VDD 0.5 < T1 10 msec 0 < T2 50 msec 0 < T3 50 msec 500 msec T4 Signals 0V T1 T2 VALID T3 T4 Power On Power Off Back-light 200 msec T5 200 msec T6 T5 50% 50% T6 Power ON/OFF Sequence T1 : Vdd rising time from 10% to 90% T2 : The time from Vdd to valid data at power ON. T3 : The time from valid data off to Vdd off at power Off. T4 : Vdd off time for Windows restart T5 : The time from valid data to B/L enable at power ON. T6 : The time from valid data off to B/L disable at power Off. www..com NOTE. (1) The supply voltage of the external system for the module input should be the same as the definition of VDD. (2) Apply the lamp voltage within the LCD operation range. When the back-light turns on before the LCD operation or the LCD turns off before the back-light turns off, the display may momentarily become white. (3) In case of VDD = off level, please keep the level of input signals on the low or keep a high impedance. (4) T4 should be measured after the module has been fully discharged between power off and on period. (5) Interface signal shall not be kept at high impedance when the power is on. 03/Mar/2006 Doc.No. LTN121XJ-L06 ISSUED DATE Page 11 / 13 7. MECHANICAL OUTLINE DIMENSION [ Refer to the next page ] Product Information www..com Doc.No. LTN121XJ-L06 ISSUED DATE 03/Mar/2006 Page 12 / 13 www..com |
Price & Availability of LTN121XJ-L06 |